Part Number Hot Search : 
LC86323 LTC3851 NGAANUA A3515 BL8023 BAT54A HPL1005 ES51978Q
Product Description
Full Text Search
 

To Download BTS612N1E3230 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PROFET(R) BTS612N1
Smart Two Channel Highside Power Switch
* Overload protection * Current limitation * Short circuit protection * Thermal shutdown * Overvoltage protection (including load dump) * Fast demagnetization of inductive loads * Reverse battery protection1) * Undervoltage and overvoltage shutdown with auto-restart and hysteresis * Open drain diagnostic output * Open load detection in OFF-state * CMOS compatible input * Loss of ground and loss of Vbb protection * Electrostatic discharge (ESD) protection
Features
Product Summary Overvoltage protection Operating voltage
Vbb(AZ) Vbb(on)
43 5.0 ... 34
both
V V
channels: On-state resistance RON Load current (ISO) IL(ISO) Current limitation IL(SCr)
each parallel 200 100 m 2.3 4.4 A 4 4 A
TO-220AB/7
7
7
Application
1
Standard * C compatible power switch with diagnostic feedback for 12 V and 24 V DC grounded loads * All types of resistive, inductive and capacitve loads * Replaces electromechanical relays, fuses and discrete circuits
Straight leads
1
7
SMD
1
General Description
N channel vertical power FET with charge pump, ground referenced CMOS compatible input and diagnostic feedback, monolithically integrated in Smart SIPMOS technology. Providing embedded protective functions.
Voltage source V
Logic
Overvoltage protection
Current limit 1
Gate 1 protection
+ V bb
4
Voltage sensor
Level shifter Rectifier 1 Charge pump 1 Charge pump 2
Limit for unclamped ind. loads 1 Open load Short to Vbb detection 1 Current limit 2 Gate 2 protection
OUT1
3 6 5
IN1 IN2
Temperature sensor 1
1
ESD
ST
Logic
Level shifter Rectifier 2
Limit for unclamped ind. loads 2 Open load Short to Vbb detection 2
OUT2
Temperature sensor 2
7
Load
PROFET 2
GND Signal GND
Load GND
1)
With external current limit (e.g. resistor RGND=150 ) in GND connection, resistor in series with ST connection, reverse load current limited by connected load.
Semiconductor Group
1 of 15
2003-Oct-01
BTS612N1
Pin 1 2 3 4 5 6 7 Symbol OUT1 (Load, L) GND IN1 Vbb ST IN2 OUT2 (Load, L) Function Output 1, protected high-side power output of channel 1 Logic ground Input 1, activates channel 1 in case of logical high signal Positive power supply voltage, the tab is shorted to this pin Diagnostic feedback: open drain, low on failure Input 2, activates channel 2 in case of logical high signal Output 2, protected high-side power output of channel 2
Maximum Ratings at Tj = 25 C unless otherwise specified Parameter Supply voltage (overvoltage protection see page 4) Supply voltage for full short circuit protection Tj Start=-40 ...+150C Load dump protection2) VLoadDump = UA + Vs, UA = 13.5 V RI3)= 2 , RL= 5.3 , td= 200 ms, IN= low or high Load current (Short circuit current, see page 5) Operating temperature range Storage temperature range Power dissipation (DC), TC 25 C Inductive load switch-off energy dissipation, single pulse Vbb = 12V, Tj,start = 150C, TC = 150C const. one channel, IL = 2.3 A, ZL = 89 mH, 0 : both channels parallel, IL = 4.4 A, ZL = 47 mH, 0 :
see diagrams on page 9
Symbol Vbb Vbb VLoad dump4) IL Tj Tstg Ptot EAS
Values 43 34 60 self-limited -40 ...+150 -55 ...+150 36 290 580 1.0 2.0 -10 ... +16 2.0 5.0
Unit V V V A C W mJ
Electrostatic discharge capability (ESD) (Human Body Model) Input voltage (DC) Current through input pin (DC) Current through status pin (DC)
see internal circuit diagrams page 7
IN: VESD all other pins: VIN IIN IST
kV V mA
acc. MIL-STD883D, method 3015.7 and ESD assn. std. S5.1-1993
2)
3) 4)
Supply voltages higher than Vbb(AZ) require an external current limit for the GND and status pins, e.g. with a 150 resistor in the GND connection and a 15 k resistor in series with the status pin. A resistor for the protection of the input is integrated. RI = internal resistance of the load dump test pulse generator VLoad dump is setup without the DUT connected to the generator per ISO 7637-1 and DIN 40839
Semiconductor Group
2
2003-Oct-01
BTS612N1 Thermal Characteristics
Parameter and Conditions Thermal resistance Symbol min ---Values typ max -3.5 -7.0 -75 37 Unit K/W
chip - case, both channels: RthJC each channel: junction - ambient (free air): RthJA SMD version, device on PCB5):
Electrical Characteristics
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Load Switching Capabilities and Characteristics On-state resistance (pin 4 to 1 or 7) IL = 1.8 A Tj=25 C: RON -1.8 3.5 -160 320 2.3 4.4 -200 400 --10 A mA s m
each channel Tj=150 C: Nominal load current, ISO Norm (pin 4 to 1 or 7) VON = 0.5 V, TC = 85 C each channel: IL(ISO) both channels parallel: Output current (pin 1 or 7) while GND disconnected or GND pulled up, Vbb=30 V, VIN= 0, see diagram page 8 Turn-on time IN to 90% VOUT: Turn-off time IN to 10% VOUT: RL = 12 , Tj =-40...+150C Slew rate on 10 to 30% VOUT, RL = 12 , Tj =-40...+150C Slew rate off 70 to 40% VOUT, RL = 12 , Tj =-40...+150C IL(GNDhigh)
ton toff dV /dton -dV/dtoff
80 80 0.1 0.1
200 200 ---
400 400 1 1
V/s V/s
5)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70m thick) copper area for Vbb connection. PCB is vertical without blown air.
Semiconductor Group
3
2003-Oct-01
BTS612N1
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Operating Parameters Operating voltage6) Undervoltage shutdown Undervoltage restart
Tj =-40...+150C: Tj =-40...+150C: Tj =-40...+25C: Tj =+150C: Undervoltage restart of charge pump see diagram page 12 Undervoltage hysteresis Vbb(under) = Vbb(u rst) - Vbb(under) Overvoltage shutdown Tj =-40...+150C: Overvoltage restart Tj =-40...+150C: Overvoltage hysteresis Tj =-40...+150C: Overvoltage protection7) Tj =-40...+150C: Ibb=40 mA Standby current (pin 4), VIN=0 Tj=-40...+150C: 8), V =5 V Operating current (Pin 2) IN both channels on, Tj =-40...+150C, Operating current (Pin 2)8) one channel on, Tj =-40...+150C:,
Vbb(on) Vbb(under) Vbb(u rst) Vbb(ucp) Vbb(under) Vbb(over) Vbb(o rst) Vbb(over) Vbb(AZ) Ibb(off) IGND IGND
5.0 3.5 ---34 33 -42
---5.6 0.2 --0.5 47
34 5.0 5.0 7.0 7.0 -43 ----
V V V V V V V V V A
----
90 0.6 0.4
150 1.2 0.7
mA mA
6) 7) 8)
At supply voltage increase up to Vbb= 5.6 V typ without charge pump, VOUT Vbb - 2 V See also VON(CL) in table of protection functions and circuit diagram page 8. Add IST, if IST > 0, add IIN, if VIN>5.5 V
Semiconductor Group
4
2003-Oct-01
BTS612N1
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Protection Functions9) Initial peak short circuit current limit (pin 4 to 1 or 7) Tj =-40C: Tj =25C: Tj =+150C: Repetitive short circuit shutdown current limit Tj = Tjt (see timing diagrams, page 11) Output clamp (inductive load switch off) IL= 40 mA: at VOUT = Vbb - VON(CL) Thermal overload trip temperature Thermal hysteresis Reverse battery (pin 4 to 2) 10) Reverse battery voltage drop (Vout > Vbb) IL = -1.9 A, each channel Tj=150 C: Diagnostic Characteristics Open load detection current
(included in standby current Ibb(off))
IL(SCp) 5.5 4.5 2.5 IL(SCr) -VON(CL) Tjt 41 150 ---4 47 -10 -610 -53 --32 -A V C K V mV 9.5 7.5 4.5 13 11 7 A
Tjt
-Vbb -VON(rev)
IL(off) Tj=-40..150C: VOUT(OL)
-2
30 3
-4
A V
Open load detection voltage
9)
Integrated protection functions are designed to prevent IC destruction under fault conditions described in the data sheet. Fault conditions are considered as "outside" normal operating range. Protection functions are not designed for continuous repetitive operation. 10) Requires 150 resistor in GND connection. The reverse load current through the intrinsic drain-source diode has to be limited by the connected load. Note that the power dissipation is higher compared to normal operating conditions due to the voltage drop across the intrinsic drain-source diode. The temperature protection is not active during reverse current operation! Input and Status currents have to be limited (see max. ratings page 2 and circuit page 8).
Semiconductor Group
5
2003-Oct-01
BTS612N1
Parameter and Conditions, each channel
at Tj = 25 C, Vbb = 12 V unless otherwise specified
Symbol
Values min typ max
Unit
Input and Status Feedback11) Input resistance RI Tj=-40..150C, see circuit page 7 Input turn-on threshold voltage Tj =-40..+150 VIN(T+) Input turn-off threshold voltage Tj =-40..+150 VIN(T-) Input threshold hysteresis VIN(T) Off state input current (pin 3 or 6), VIN = 0.4 V, IIN(off) Tj =-40..+150C On state input current (pin 3 or 6), VIN = 3.5 V, Tj =-40..+150C Delay time for status with open load
after Input neg. slope (see diagram page 12)
2.5 1.7 1.5 -1 20 --
3.5 --0.5 -50 220
6 3.5 --50 90 --
k V V V A A s
IIN(on) td(ST OL3)
Status output (open drain) Zener limit voltage Tj =-40...+150C, IST = +1.6 mA: VST(high) ST low voltage Tj =-40...+25C, IST = +1.6 mA: VST(low) Tj = +150C, IST = +1.6 mA:
5.4 ---
6.1 ---
-0.4 0.6
V
11)
If a ground resistor RGND is used, add the voltage drop across this resistor.
Semiconductor Group
6
2003-Oct-01
BTS612N1 Truth Table
IN1 Normal operation L L H H L L H L H X L L H L H X L X H L H X X X IN2 L H L H L H X L L H L H X L L H L H X X X L H X OUT1 L L H H Z Z H L H X H H H L H X L L L L L X X L OUT2 L H L H L H X Z Z H L H X H H H L L L X X L L L ST BTS611L1 H H H H H(L12)) H L H(L12)) H L L13) H H(L14)) L13) H H(L14)) H L L H L H L H ST BTS612N1 H H H H L H H L H H L H H L H H H L L H L H L H
Open load
Channel 1
Channel 2
Short circuit to Vbb
Channel 1
Channel 2
Overtemperature
both channel
Channel 1 Channel 2 Undervoltage/ Overvoltage
L = "Low" Level H = "High" Level
X = don't care Z = high impedance, potential depends on external circuit Status signal after the time delay shown in the diagrams (see fig 5. page 12)
Terms
V 4 3 IN1 IN2 ST Ibb V ON2 OUT1 6 PROFET OUT2 GND 2 R GND I GND 7 V OUT1 V OUT2 1 VON1
Input circuit (ESD protection)
R IN
I IN1 I IN2 I ST
bb
I
Vbb
I L1 I L2
ESD-ZD I GND
I
I
V
IN1
V
IN2 V 5 ST
ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V).
12) 13)
With additional external pull up resistor An external short of output to Vbb, in the off state, causes an internal current from output to ground. If RGND is used, an offset voltage at the GND and ST pins will occur and the VST low signal may be errorious. 14) Low resistance to V may be detected in the ON-state by the no-load-detection bb
Semiconductor Group
7
2003-Oct-01
BTS612N1
Status output Open-load detection
+5V
OFF-state diagnostic condition: VOUT > 3 V typ.; IN low
R ST(ON)
ST
GND
ESDZD
OFF
I L(OL)
ESD-Zener diode: 6.1 V typ., max 5 mA; RST(ON) < 380 at 1.6 mA, ESD zener diodes are not to be used as voltage clamp at DC conditions. Operation in this mode may result in a drift of the zener voltage (increase of up to 1 V).
Logic unit
Open load detection
V
OUT
Signal GND
Inductive and overvoltage output clamp
+ V bb V Z
GND disconnect
V bb 4 3 IN1 IN2 ST Ibb
VON
Vbb OUT1 PROFET OUT2 GND 2 V GND
1
OUT GND
6 5 VV V IN1 IN2 ST
7
PROFET
VON clamped to 47 V typ.
Any kind of load. In case of Input=high is VOUT VIN - VIN(T+) . Due to VGND >0, no VST = low signal available.
Overvolt. and reverse batt. protection
+ V bb
GND disconnect with GND pull up
4 3 IN1 IN2 ST Vbb OUT1 PROFET OUT2 GND 2 V GND 7 1
IN1 IN2
RI Logic
V
Z2
V IN1 6 V IN2
R ST
ST V
Z1 GND
5
R GND
Signal GND
V bb
V ST
VZ1 = 6.1 V typ., VZ2 = 47 V typ., RI= 3.5 k typ, RGND= 150
Any kind of load. If VGND > VIN - VIN(T+) device stays off Due to VGND >0, no VST = low signal available.
Semiconductor Group
8
2003-Oct-01
BTS612N1
Vbb disconnect with energized inductive load
4 3 high 6 5 IN2 ST PROFET OUT2 GND 2 7 IN1 Vbb OUT1 1
with an approximate solution for RL > 0 : EAS= IL* L IL*RL *(V + |VOUT(CL)|)* ln (1+ ) |VOUT(CL)| 2*RL bb
Maximum allowable load inductance for a single switch off (both channels parallel)
L = f (IL ); Tj,start = 150C,TC = 150C const., Vbb = 12 V, RL = 0 L [mH] 1000
V bb
Normal load current can be handled by the PROFET itself.
100
Vbb disconnect with charged external inductive load
4 3 high 6 5 IN2 ST PROFET OUT2 GND 2 7 IN1 Vbb OUT1 1 D
10
V bb
1 2 3 4 5 6 7 8
IL [A]
If other external inductive loads L are connected to the PROFET, additional elements like D are necessary.
Inductive Load switch-off energy dissipation
E bb E AS Vbb PROFET OUT EL ELoad
IN
=
ST GND ZL
{
L RL
ER
Energy stored in load inductance: EL = 1/2*L*I L While demagnetizing load inductance, the energy dissipated in PROFET is EAS= Ebb + EL - ER= VON(CL)*iL(t) dt,
2
Semiconductor Group
9
2003-Oct-01
BTS612N1
Typ. transient thermal impedance chip case ZthJC = f(tp), one Channel active ZthJC [K/W] 10
1
0.1
D= 0.5 0.2 0.1 0.05 0.02 0.01 0
0.01 1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E1
tp [s]
Transient thermal impedance chip case ZthJC = f(tp), both Channel active ZthJC [K/W] 10
1
0.1
D= 0.5 0.2 0.1 0.05 0.02 0.01 0
0.01 1E-5
1E-4
1E-3
1E-2
1E-1
1E0
1E1
tp [s]
Semiconductor Group
10
2003-Oct-01
BTS612N1
Timing diagrams
Figure 1a: Vbb turn on:
IN1 IN2 V bb
Both channels are symmetric and consequently the diagrams are valid for each channel as well as for permuted channels
Figure 2b: Switching an inductive load
IN
ST V
OUT1
V V
OUT
OUT2
I ST open drain t t
L
Figure 2a: Switching a lamp:
IN
Figure 3a: Short circuit shut down by overtempertature, reset by cooling
IN ST
other channel: normal operation
V
IL I L(SCp)
OUT
I L(SCr)
I
L
t
ST t
Semiconductor Group
11
2003-Oct-01
BTS612N1
Heating up may require several milliseconds, depending on external conditions td(ST,OL3) depends on external circuitry because of high impedance *) IL = 30 A typ
Figure 4a: Overtemperature: Reset if Tj Figure 6a: Undervoltage:
IN
IN
V bb ST V
bb(under)
Vbb(u cp) V
bb(u rst)
V
OUT
V OUT
T
J
ST open drain t t
Figure 6b: Undervoltage restart of charge pump Figure 5a: Open load: detection in OFF-state, turn on/off to open load
IN1 IN2 channel 2: normal operation V on VON(CL)
off-state
on-state
VOUT1
V
bb(over)
V IL1 channel 1: open load V t ST t
d(ST OL3)
bb(u rst)
V
bb(o rst)
V
bb(under)
bb(u cp)
t d(ST OL3)
charge pump starts at Vbb(ucp) =5.6 V typ.
Semiconductor Group
12
2003-Oct-01
off-state
V bb
BTS612N1
Figure 7a: Overvoltage:
IN
Vbb
V ON(CL)
Vbb(over)
V bb(o rst)
V
OUT
ST
t
Semiconductor Group
13
2003-Oct-01
BTS612N1
Package and Ordering Code
All dimensions in mm
SMD TO 220AB/7, Opt. E3128 Ordering code
BTS612N1 E3128A T&R: Q67060-S6303-A4
Standard TO-220AB/7
BTS612N1
Ordering code Q67060-S6303-A2
TO 220AB/7, Opt. E3230
BTS612N1 E3230
Ordering code Q67060-S6303-A3
Changed since 04.96 Date Change Dec td(ST OL4) max reduced from 1500 1996 to 800s, typical from 400 to 320s, min limit unchanged EAS maximum rating and diagram and ZthJC diagram added ESD capability increased Typ. reverse battery voltage drop VON(rev) added
Semiconductor Group
14
2003-Oct-01
BTS612N1
Published by Infineon Technologies AG, St.-Martin-Strasse 53, D-81669 Munchen (c) Infineon Technologies AG 2001 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as a guarantee of characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office in Germany or our Infineon Technologies Representatives worldwide (see address list). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in lifesupport devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Semiconductor Group
15
2003-Oct-01


▲Up To Search▲   

 
Price & Availability of BTS612N1E3230

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X